詳細検索 : 'HIGH' - 結果は: 89 (1/5) Pages
部品メーカー部品番号PDFを見る部品情報

Samsung semiconductor
KSC2751 NPN (HIGH SPEED, HIGH CURRENT SWITCHING INDUSTRIAL USE)
KSC5020 NPN (HIGH VOLTAGE, HIGH QUALITY)
KM684000L 512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
KSC5024 NPN (HIGH VOLTAGE AND HIGH RELIABILITY)
LTA400W1-L01 High contrast ratio, high aperture structure - Color active matrix TFT(Thin Film Transistor) LCD(liquid crystal display) TV
KSC5030 NPN (HIGH VOLTAGE AND HIGH RELIABILITY)
KSD1692 NPN (HIGH DC CURRENT GAIN LOW COLLECTOR SATURATION VOLTAGE BUILT-IN A DAMPER DIODE AT E-C)
KSC2223 NPN(HIGH FREQUENCY AMPLIFIER)
S3C72G9 The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
KM684000LI 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM
K6R4008V1C-C 512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
MMBTA43 NPN (HIGH VOLTAGE TRANSISTOR)
KSC815 NPN (LOW, HIGH FREQUENCY AMPLIFIER, OSCILLATOR)
KM641001A 256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
S3C7031 The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KM641003B 256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641001B 256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R4004C1C-C 1Mx4 Bit High Speed Static RAM(5V Operating).
CIH10T22NJNC Chip Inductor CIH Series High Frequency Type
CIH05T1N2SNC Multilayer High Frequency inductor

1 2 3 4 5 Next


1 2 3 4 5 Next