詳細検索 : 'HIGH' - 結果は: 40 (1/2) Pages
部品メーカー部品番号PDFを見る部品情報

Solid State Optronic
SDN136 Analog High Speed Optocoupler
S742_15 High transient immunity
AD2C101_15 High Blocking Voltage (600V)
SDM4101 High Continuous Load Current (3.4A)
AD6C841 High Input-to-Output Isolation (up to 5VRMS)
AD6C211-L_15 High Isolation Voltage (3750VRMS)
SDN139 Analog High Speed Optocoupler
SMA4240 High Input-to-Output Isolation
SAT1670 High stability
S942 High Blocking Voltage (800V MIN)
AD6C011 High Blocking Voltage (800V)
SDM4102 High Continuous Load Current (3.4A)
M212_15 High Input-to-Output Isolation (1.5kV MIN)
SMB4115 High Continuous Load Current (3.4A)
SMA4120 High Load Current (0.5A MAX Continuous)
SMA4131 High Input-to-Output Isolation
S110_15 High transient immunity
SDN138 Analog High Speed Optocoupler
AD4C201 High Blocking Voltage (600V)
SMA4124 High Load Current (1A MAX Continuous)

1 2 Next


1 2 Next