詳細検索 : 'HIGH' - 結果は: 215 (1/11) Pages
部品メーカー部品番号PDFを見る部品情報

NXP Semiconductors
NX2A4WP_SDS A4WP compliant high frequency wireless charging receiver A4WP compliant high frequency wireless charging receiver
TEA1210TS High efficiency, high current DC/DC converter
8XC54 80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
NE604A High performance low power FM IF system
BTA216B Triacs high commutation
TEF668X_SDS_15 Low IF tuner high performance one-chip
SAA7114H PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
87C552 80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
SA608 Low voltage high performance mixer FM IF system
P87C654X2 80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
BTA216B Three quadrant triacs high commutation
TEA1204T High efficiency DC/DC converter
TDA1563Q 2 x 25 W high efficiency car radio power amplifier
SAA7114 PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
BTA208X Three quadrant triacs high commutation
BAW101S High voltage double diode
PNS40010ER_15 400 V, 1 A high power density, standard switching time PN-rectifier
BF485PN NPN/PNP high voltage transistors
CGY2106TS High dynamic range dual LNA MMIC
BGA7210 700 MHz to 3800 MHz high linearity variable gain amplifier

  1 2 3 4 5 6 7 8 9 10