詳細検索 : 'HIGH' - 結果は: 89 (1/5) Pages
部品メーカー部品番号PDFを見る部品情報

Samsung semiconductor
LTA400W1-L01 High contrast ratio, high aperture structure - Color active matrix TFT(Thin Film Transistor) LCD(liquid crystal display) TV
KM684000L 512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
KSC5024 NPN (HIGH VOLTAGE AND HIGH RELIABILITY)
KSC2751 NPN (HIGH SPEED, HIGH CURRENT SWITCHING INDUSTRIAL USE)
KSC5030 NPN (HIGH VOLTAGE AND HIGH RELIABILITY)
KSC5020 NPN (HIGH VOLTAGE, HIGH QUALITY)
KS57C4104 The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
MMBTA93 PNP (HIGH VOLTAGE TRANSISTOR)
K6R1004C1A 256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R4004V1D 1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
S3C72H8 The S3C72H8 single-chip CMOS microcontroller has been designed for very high performance using Samsungs state-of-the-art 4-bit product development app
S3C72P9 SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
S3C7414 The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, SAM47
KM641001B 256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KS57C3316 The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KM684000LI 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM
K6R4016V1C-C 256Kx16 Bit High Speed Static RAM(3.3V Operating)
KSC921 NPN (FM CONVERTER, OSCILLATOR HIGH FREQUENCY AMPLIFIER)
S3C7031 The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KM68257C 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.

  1 2 3 4 5