詳細検索 : 'HIGH' - 結果は: 48 (1/3) Pages
部品メーカー部品番号PDFを見る部品情報

Schurter Inc.
DKIL-1_17 Compensated High Current Choke, 1-phase
DKIP-3_17 Compensated High Current Choke, 3-phase
5150 IEC Appliance Inlet C14 with High Frequency Filter, X2Y Technology, ECO design, Front- or Rear Side Mounting
DKLP-3 Compensated High Inductance Choke, 3-phase
DKLP-1_17 Compensated High Inductance Choke, 1-phase
DFKH Magnetically Compensated Choke, 1-phase, high design
FMABNEO AC Filter, High Symmetrical Attenuation
FSW_17 AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
DKIP-1_17 Compensated High Current Choke, 1-phase
HCF Solid State, Thin Film, SMD 3220 Fuse for High Current Application
SHF6.3X32PIGTAIL Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
DKLP-1 Compensated High Inductance Choke, 1-phase
8020.5068 Cartridge Fuse, 6.3x32 mm, 500 VAC, 1-8A, High Breaking Capacity of 1500 A
8020.5068.PT Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
FSW AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
DLH Linear Choke, high design
DKLL-1_17 Compensated High Inductance Choke, 1-phase
DKIP-3 Compensated High Current Choke, 3-phase
FMW-150 AC Filter 3-Stage, Very High Broad Band Attenuation
DEH High frequency ground wire choke, shrink hose

  1 2 3