詳細検索 : 'HIGH' - 結果は: 40 (1/2) Pages
部品メーカー部品番号PDFを見る部品情報

PHOENIX CONTACT
2905419 High continuous voltage of 350 V AC for 230/400 V AC networks with high voltage fluctuations
2905468 High continuous voltage of 350 V AC for 230/400 V AC networks with high voltage fluctuations
2905346 High continuous voltage of 350 V AC for 230/400 V AC networks with high voltage fluctuations
0203137 High Voltage High Current Feed-Through Terminal Blocks
2905354 High continuous voltage of 175 V AC for 120/208 V AC networks with high voltage fluctuations
2905414 High continuous voltage of 350 V AC for 230/400 V AC networks with high voltage fluctuations
2905422 High continuous voltage of 350 V AC for 230/400 V AC networks with high voltage fluctuations
RIF-RHM-1 Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays
EL1-P16 Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
1422849 Extremely compact, thanks to the small wiring space and high contact density
CRIMPFOX-RCI-6 Precision-manufactured dies ensure consistently high levels of quality during contact processing
1019720 High degree of application flexibility, thanks to the modular housing design
RIF-RHM-1-H Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 25 mm high octal miniature power relays
2907431 Low design width with a high number of positions
1658503 Insertion/extraction tool, to insert and extract the D-SUB high density signal contacts
1407573 AS-Interface distributor with a high degree of protection, for a branch from one flat-ribbon conductor to a 1.0 m PUR round cable with straight M12-SPEEDCON socket
RAD-ISM-2400-ANT-CIR-8-0 Particularly suitable for use in industrial halls with a very high reflection component due to metal
1422846 Extremely compact, thanks to the small wiring space and high contact density
REL-PR1-230AC Plug-in high-power relay with power contacts, specifically for switching high DC loads, 1 N/O contact, blowout magnet, coil voltage: 230 V AC
REL-PR1-24DC Plug-in high-power relay with power contacts, specifically for switching high DC loads, 1 N/O contact, blowout magnet, coil voltage: 24 V DC

  1 2