詳細検索 : 'HIGH' - 結果は: 18 (1/1) Pages
部品メーカー部品番号PDFを見る部品情報

Panasonic Battery Group
BR2330-GUN Coin type lithium batteries are high energy, high reliability batteries for a variety of applications. The full 3 volts in these high energy density batteries is about twice that of conventional dry batteries.
ECJ0EB1C105M Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
ERA3AEB2321V Metal Film Chip Resistors, High Reliability Type
BR1225A High Operating Temperature Poly-carbonmonofluoride Lithium Coin Batteries
UP-RW1245P1 High quality and reliability Exceptional deep discharge recovery
DA3X101F0L For high speed switching circuits DA3J101F in Mini3 type package
DB2X20700L For high frequency rectification DB3X207K in Mini2 type pack
AN3X High Resolution, 256 Step LED Matrix Driver with Built-In Lighting Effects
TX-D High Breakdown Voltage Relay
DA2JF8100L Silicon epitaxial planar type For high speed switching circuits
BR2477A High Operating Temperature Poly-carbonmonofluoride Lithium Coin Batteries
BR2330A High Operating Temperature Poly-carbonmonofluoride Lithium Coin Batteries
DA37103E0L For high speed switching circuits DA3S103E in SSSMini3 type package
AGN High Sensitivity, with 100mW nominal operating power
PLCC High Brightness Red LEDs with a PLCC4 and PLCC6 Package!
DB2J20600L For high frequency rectification DB2X206 in SMini2 type package
DA6J101K0R DA6J101K0R Silicon epitaxial planar type For high speed switching circuits DA6X101K in SMini6 type package
UP-RW1220P1 High quality and reliability Exceptional deep discharge recovery