メーカー | 部品番号 | データシート | 部品情報 |
Renesas Technology Corp
|
HA13721RP |
114Kb/9P |
CAN Transceiver |
HA13721RP |
139Kb/11P |
CAN Transceiver |
ISL71026M |
956Kb/32P |
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback March 26, 2018 |
PD70F3224 |
500Kb/43P |
32-/16-bit Single-Chip Microcontroller with CAN Interface |
ISL72026SEH |
992Kb/18P |
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback August 16, 2016 |
ISL72026BSEH |
898Kb/20P |
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback Jan 10, 2020 |
ISL72027BSEH |
1Mb/20P |
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output November 30, 2016 |
ISL72027SEH |
990Kb/19P |
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output August 16, 2016 |
ISL72028BSEH |
1Mb/20P |
3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output November 30, 2016 |
ISL72028SEH |
979Kb/18P |
3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output August 16, 2016 |
PD703223 |
482Kb/41P |
V850ES/GB1TM VENUS 32-/16-bit Single-Chip Microcontroller with CAN Interface |
RX230 |
3Mb/170P |
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit, Sep 28, 2018 |
RX660 |
1Mb/123P |
120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter Mar 18, 2022 |
RX671 |
2Mb/178P |
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit, Apr 15, 2022 |