メーカー | 部品番号 | データシート | 部品情報 |
List of Unclassifed Man...
|
WGP15G65 |
529Kb/6P |
Absolute Maximum Ratings |
64128K |
1Mb/22P |
ABSOLUTE MAXIMUM RATINGS |
TC-1U40 |
254Kb/5P |
DC output 400w maximum |
32128A-RGB |
1Mb/19P |
GENERAL SPECIFICATION ABSOLUTE MAXIMUM RATINGS |
AA107 |
129Kb/3P |
Maximum Gate Trigger Current 2,20 or 200uA |
2500TL |
302Kb/2P |
Maximum DC input voltage of 750 V |
HY860F |
148Kb/2P |
ABSOLUTE MAXIMUM RATINGS AT TA=25째 C |
1505ABHDL |
896Kb/4P |
Improved insulator materials sustain maximum return loss performance |
8540 |
686Kb/1P |
Operates between 0-60 VDC, 1 mA-30 A (150 W maximum) |
RB2015 |
244Kb/2P |
It denotes the values at the maximum energy absorption per one cycle. |
9115 |
732Kb/5P |
Multi-ranging operation (output up to max power rating within maximum voltage and |
RR-T4-18PK-R1 |
154Kb/2P |
120mm wide range PWM fan, RPM can be fine tuned for maximum airflow or whisper quiet operation. |
9801 |
4Mb/5P |
0 to 300 V, low distortion AC power source with models delivering a maximum of 1500 VA, 12 Arms / 48 Apeak |
GPD2846A |
484Kb/4P |
The GPD2846A is an integrated MP3 player IC with FM radio and Line In features with 2W mono amplifie, maximum output 3W |