メーカー | 部品番号 | データシート | 部品情報 |
Future Technology Devic...
|
FT240X |
754Kb/40P |
The FT240X is a USB to parallel FIFO interface with the following advanced features |
FT232BL_BQ |
1Mb/34P |
The FT232B is a USB to serial UART interface with the following advanced features |
FT221X |
984Kb/45P |
The FT221X is a USB to FTDI?셲 proprietary FT1248 interface with the following advanced features |
FT600 |
1Mb/29P |
The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features |
AN232R-01 |
254Kb/13P |
Bit Bang Modes for the FT232R and FT245R |
USB-COM232-PLUS4 |
686Kb/23P |
The USB-COM-Plus modules are a family of communication devices |
DS_UMFT311EV |
827Kb/16P |
The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode. |
FT801 |
1Mb/57P |
The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features |
V2DIP1-64 |
998Kb/26P |
Designed to allow rapid development of designs using the VNC2-64Q IC |
V2DIP2-32 |
748Kb/20P |
Designed to allow rapid development of designs using the VNC2-32Q IC |
V2DIP1-48 |
958Kb/25P |
Designed to allow rapid development of designs using the VNC2-48Q IC |
V2DIP2-48 |
957Kb/25P |
Designed to allow rapid development of designs using the VNC2-48Q IC |
V2DIP1-32 |
893Kb/21P |
Designed to allow rapid development of designs using the VNC2-32Q IC |
FT234XD |
695Kb/37P |
The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features |
FT900 |
1Mb/58P |
The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption |
FT4222H |
1Mb/49P |
FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features |
DS_FT311D |
1Mb/40P |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port. |
FT311D |
1Mb/40P |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.null |
FT312D |
757Kb/27P |
The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port. |
DS_FT313H |
1Mb/64P |
The FT313H is a Hi-Speed Universal Serial Bus (USB) Host Controller compatible with Universal Serial Bus Specification Rev 2.0 and supports data transfer speeds of up to 480M bit/s. |